Part Number Hot Search : 
ATA6631 HSZ391 25A00 EL8201 IXD611S7 2SC20 AMF2805S GB162H
Product Description
Full Text Search
 

To Download BCM3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3510
PRODUCT
(R)
Brief
RECEIVER
OF BENEFITS
BCM3510
BCM3510
* * * * * * * * *
H D T V / C AT V
FEATURES SUMMARY
* Integrated 64/256-QAM and 8-VSB receiver
1-51 Mbps variable rate QAM/VSB receiver Direct 36/44 MHz IF sampled architecture 10-Bit A/D converter with integral AGC amplifier Digital demodulator and matched filters Adjacent channel filters NTSC co-channel rejection filter 496-tap adaptive decision-feedback equalizer All-digital clock and carrier recovery Integrated PLLs to minimize external components
* CATV/HDTV standards-compliant FEC decoder * Intelligent embedded microcontroller * MPEG-2 transport output * Low-power standby mode * I C or SPI microcontroller interface * 128-pin PQFP package * 3.3V I/O and analog operation,
2
* ITU-T J.83 annex A/B/C CATV modes * ATSC A/53 HDTV mode * Integrated deinterleaver RAM for all modes
* Full equalizer architecture spans -6 to +40 msec delays. * Automatic NTSC co-channel rejection filter provides performance superior to traditional designs. * Full 496-tap equalizer implementation eliminates multipath effects over a wide dynamic range. * Direct IF sampling architecture reduces system cost. * Digital adjacent channel filters provide additional rejection for challenging environmental conditions. * On-chip digital PLL simplifies circuit design. * Integrated microcontroller with on-chip ROM for * Operates at 15 dB SNR threshold of visibility. * Multiple AGC loops handle wide dynamic range input and rapid signal fading. * Integrated AGC and 10-bit A/D converter for direct interface to standard DTV tuners. * MPEG-2 transport interface requires no glue logic to * Support for both QAM and VSB for cable TV ready
systems at no additional cost. simplified software development, intelligent monitoring and fast-channel acquisition.
* PCMCIA and Smart Card Format--EIA 679 A,B * PLL Generated Output Clock * Glueless interface to BCM7020 video and graphics subsystem
interface to the BCM7020 video and graphics subsystem, smart cards and PCMCIA conditional access devices.
1.8V digital operation
QAM/VSB CATV/HDTV Receiver
Memory
Conditional Access
BCM3510
RF IN
ATSC/CATV Tuner
VSB/QAM HDTV/CATV Receiver
BCM7020
HDTV MPEG-2 Transport Demux, Audio/ Video Decoder and Display Engine
HD Video
Audio
BCM3310
Broadband Communications Processor
BCM3510
OVERVIEW
Adjacent Channel and Interpolation Filters Analog IF Input
10
Nyquist = .11 - .18
NTSC Filter
A/D
DDFS Adjacent Channel and Interpolation Filters
Nyquist = .11 - .18
NTSC Filter
64-tap FFE and 432-tap DFE
Forward Error Correction Decoder: Annex A,B,C,D
S_DATA S_VALID S_CLK S_SYNC P_DATA[7:0]
Tuner AGC
Tuner Interface
Acquisition/Tracking Loops and Clock Generation
Acquisition Microcontroller JTAG Interface
Deinterleaver RAM MBus/SPI Interface
MICRO[3:0]
Tuner Control
JTAG[3:0]
The Broadcom BCM3510 is a VSB/QAM digital receiver, compatible with both North American digital cable television and digital terrestrial broadcast television standards. It is capable of receiving all standard-definition and high-definition digital television formats (SDTV/HDTV). This second-generation Broadcom VSB receiver implements significant performance and feature improvements. Performance is enhanced in several key areas, including equalizer, gain control, and adjacent and co-channel rejection. These improvements were developed using more than one year of field trial and deployment of the BCM3500. Feature improvements include an upgraded embedded microcontroller to handle acquisition, reacquisition and monitoring tasks while offering users a simplified, high-level application programmer interface. The BCM3510 accepts an analog signal centered at the standard television IF frequencies, amplifies and digitizes this signal with an integrated programmable gain amplifier and 10-bit A/D converter, then demodulates and filters the signal with a combined 64/256-QAM and 8-VSB demodulator. The integrated interpolation filters enable variable symbol rates with fixed A/D sample rate. A second stage of filters is provided for increased adjacent channel rejection performance. The 496-tap equalizer and adaptive NTSC co-channel rejection filter remove propagation effects and interference. The data is error-corrected by the integrated trellis and Reed-Solomon decoders supporting both the ATSC A/53 and ITU J.83 coding formats. The final
Broadcom(R), the Pulse logo(R), QAMLink(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
received data stream is delivered in either parallel or serial MPEG-2 transport format with a clock generated by an on-chip PLL. The output interface is designed to operate with Broadcom's HDTV video and graphics subsystem device, the BCM7020. All clock, carrier, and gain acquisition and tracking loops are integrated on-chip, as are the necessary phase-locked loops, referenced to a single external crystal. The BCM3510 also contains an integrated microcontroller to greatly simplify the system software development task and increase overall performance through extensive monitoring and control functions. The chip contains both on-chip RAM and ROM for design flexibility and low cost implementations. The BCM3510 implements all of the receiver functionality for both VSB and QAM signals at no extra cost, creating a single system solution for digital terrestrial and cable applications. This highly integrated device includes an A/D converter and on-chip digital PLL to maximize system performance while eliminating the need for expensive external components. An innovative Broadcom NTSC co-channel rejection system is designed to minimize signal loss experienced by traditional comb filter designs, ensuring superior performance under the harshest channel conditions. The BCM3510 contains a large equalizer to compensate for the longest terrestrial multipath of up to 40 msec. All of these advanced features are combined to meet or exceed all the Advanced Television Testing Center Grand Alliance System test results.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 3510-PB04-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X